PART |
Description |
Maker |
26-48-1082 26-48-1192 26-48-2192 26-48-2052 26-48- |
Header Connector,PCB Mnt,RECEPT,8 Contacts,PIN,0.156 Pitch,PC TAIL Terminal 8 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER KK 156 Hdr Assy RtAn Bkwy 19 ckt Tin 19 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER KK 156 Hdr Assy RtAn Bkwy 19 ckt 20 Gold 19 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER KK 156 Hdr Assy RtAn Bkwy 05 ckt 20 Gold 5 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER KK 156 Hdr Assy RtAn Bkwy 21 ckt Tin 21 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER Header Connector,PCB Mnt,RECEPT,4 Contacts,PIN,0.156 Pitch,PC TAIL Terminal 4 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER KK 156 Hdr Assy RtAn Bkwy 6 ckt Tin 6 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER Header; No. of Contacts:4; Pitch Spacing:3.96mm; No. of Rows:1; Series:KK; Connector Body Material:Polyester; Mounting Type:PC Board; Terminal Type:Right Angle Pin RoHS Compliant: Yes 4 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER KK 156 Hdr Assy RtAn Bkwy 7 ckt Tin 7 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER Header Connector,PCB Mnt,RECEPT,2 Contacts,PIN,0.156 Pitch,PC TAIL Terminal
|
Molex, Inc. MOLEX INC
|
10-97-7125 10-97-7106 10-97-7126 10-89-7143 10-89- |
CGrid VT Bkwy Hdr Tin 12Ckt (320/110) 12 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 10977106 10 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CGrid VT Bkwy Hdr 15 SAu 12Ckt (320/110) 12 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CGrid VT Bkwy Hdr 30 SAu 14Ckt (320/110) 14 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CGrid VT Bkwy Hdr 30 SAu 80Ckt (320/110) 80 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CGrid VT Bkwy Hdr 30 SAu 4Ckt (320/110) 4 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CGrid VT Bkwy Hdr 30 SAu 8Ckt (320/110) 8 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CGrid VT Bkwy Hdr 30 SAu 42Ckt (320/110) 42 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 10977346 34 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CGrid VT Bkwy Hdr Tin 14Ckt (320/110) 14 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CGrid VT Bkwy Hdr Tin 80Ckt (320/110) 80 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CGrid VT Bkwy Hdr Tin 26Ckt (320/110) 26 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CGrid VT Bkwy Hdr 15 SAu 16Ckt (320/110) 16 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CGrid VT Bkwy Hdr 15 SAu 18Ckt (320/110) 18 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CGrid VT Bkwy Hdr Tin 60Ckt (320/110) 60 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CGrid VT Bkwy Hdr 15 SAu 36Ckt (320/110) 36 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CGrid VT Bkwy Hdr Tin 40Ckt (320/110) 40 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CGrid VT Bkwy Hdr 15 SAu 24Ckt (320/110) 24 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 44 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Molex, Inc. MOLEX INC
|
27-62-4069 26-60-4180 26-60-4103 27-62-4079 26-63- |
KK 156 Hdr Assy FrLk 06 Ckt Tin 6 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER Header, Vertical Friction Lock; No. of Contacts:18; Pitch Spacing:3.96mm; No. of Rows:1; Gender:Header; Series:41791; Body Material:Polyester; Current Rating:7A; Voltage Rating:250V 18 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 156 Hdr Assy FrLk 10 Ckt Tin 10 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 156 Hdr Assy FrLk 07 Ckt Tin KK 156 Hdr Assy FrLk 03 Ckt 20 SGold KK 156 Hdr Assy FrLk 05 Ckt 20 SGold
|
Molex, Inc. MOLEX INC
|
EB81-S0L1060W EB83-S0K1260X EB83-S0K2240Y-101 VISH |
EB81-L10SGW T02 CONNECTOR, EDGE CONNECTOR,PCB MNT,RECEPT,24 CONTACTS,0.156 PITCH,WRAP POST TERMINAL,HOLE .125-.137 EDGEBRD,18POS,THREAD INSERT MNT,DUAL READ,0.156(3.96)CTR - Bulk CONNECTOR, EDGE CONNECTOR,CABLE MNT,48 CONTACTS,2,SOLDER TERMINAL,HOLE .125-.137 CONNECTOR, EDGE CONNECTOR,PCB MNT,RECEPT,72 CONTACTS,0.125 PITCH,PC TAIL TERMINAL,LOCKING EB81-A12SGFX T02 EB83-A12SGFV T02 CONNECTOR, EDGE CONNECTOR,PCB MNT,RECEPT,44 CONTACTS,0.156 PITCH,WRAP POST TERMINAL,LOCKING EDGEBRD,6POS,ST-NO MNT FLNGE,SNGL READ,0.125(3.17)CTR,S-DIP - Bulk
|
Vishay Dale
|
71349-8037 |
CGrid SMT Shd Hdr w/peg 15 SAu 10Ckt T&R 10 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT
|
Molex, Inc.
|
26-65-3130 26-64-3090 |
156 KK Hdr RA Sq Pin W/PfP Au 13Ckt 13 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER 156 KK Hdr RA Sq Pin Tin 9Ckt 9 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER
|
Molex, Inc.
|
09-48-5051 |
156 KK PCB Btm Entry 15 SAu 5Ckt 5 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Molex, Inc.
|
26-60-9180 26-60-9020 26-60-9110 |
156 KK Hdr Str Sq Pin Tin 18Ckt 18 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 156 KK Hdr Str Sq Pin Tin 2Ckt 2 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 156 KK Hdr Str Sq Pin Tin 11Ckt 11 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Molex, Inc.
|
MOLEXINC-42892-0109 26-60-7050 |
KK 156 Hdr FrLk RtAn Peg 05 Ckt Tin
|
MOLEX INC
|
09-50-3151 09-50-3221 09-50-3241 09-50-3091 09-50- |
Header Connector,Cable Mnt,PLUG,15 Contacts,SKT,0.156 Pitch,POLARIZED LCK 15 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP Header Connector,Cable Mnt,PLUG,22 Contacts,SKT,0.156 Pitch,POLARIZED LCK 22 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP Header Connector,Cable Mnt,PLUG,24 Contacts,SKT,0.156 Pitch,POLARIZED LCK 24 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP Connector Housing; Gender:Female; Number of Contacts:9; Series:2139; Body Material:PA Polyamide (Nylon); Connecting Termination:Crimp; Mounting Type:Header; Number of Rows:1; Pitch Spacing:3.96mm 9 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP Connector Housing; Gender:Female; Number of Contacts:3; Series:2139; Body Material:PA Polyamide (Nylon); Connecting Termination:Crimp; Mounting Type:Header; Number of Rows:1; Pitch Spacing:3.96mm 3 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP 156 KK Term Hsg W/Ramp Nylon 20Ckt 19 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP 156 KK Term Hsg O/Ramp Nylon 7Ckt 6 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP Header Connector,Cable Mnt,PLUG,11 Contacts,SKT,0.156 Pitch,POLARIZED LCK 11 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP 156 KK Term Hsg W/Ramp Nylon 23Ckt 23 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP 156 KK Term Hsg W/Ramp Nylon 14Ckt 156 KK Term Hsg W/Ramp Nylon 9Ckt 156 KK Term Hsg O/Ramp Nylon 10Ckt
|
Molex, Inc. MOLEX INC
|
|